AO4405 30v p-channel mosfet general description p roduct summary v ds i d (at v gs =-10v) - 6a r ds(on) (at v gs =-10v) < 50m w r ds(on) (at v gs = -4.5v) < 85m w 100% uis tested 100% r g tested symbol v ds the AO4405 uses advanced trench technology to provide excellent r ds(on) with low gate charge. this device is s uitable for use as a load switch or in pwm applications. v maximum units parameter absolute maximum ratings t a =25c unless otherwise noted -30v drain-source voltage -30 g d s soic-8 t op view bottom view d d d d s s s g v ds v gs i dm i as , i ar e as , e ar t j , t stg symbol t 10s steady-state steady-state r q j l maximum junction-to-lead c/w c/w maximum junction-to-ambient a d 16 75 24 t a =25c t a =70c p ower dissipation b p d avalanche energy l=0.1mh c pulsed drain current c continuous drain c urrent t a =25c m j avalanche current c 14 a 1 7 a i d -6 - 5.1 -30 v v 20 gate-source voltage drain-source voltage -30 units parameter typ max c/w r q j a 31 5 9 40 maximum junction-to-ambient a 2 t a =70c j unction and storage temperature range -55 to 150 c thermal characteristics w 3.1 g d s soic-8 t op view bottom view d d d d s s s g rev 9: nov 2011 www.aosmd.com page 1 of 6 nt?qtu5[pg ?pqls? w w w . w h x p c b . c o m
AO4405 symbol min typ max units bv dss -30 v v ds =-30v, v gs =0v -1 t j =55c -5 i gss 100 na v gs(th) gate threshold voltage -1.4 -1.9 -2.4 v i d(on) -30 a 33 50 t j =125c 50 70 53 85 m w g fs 14 s v sd -0.8 -1 v i s -3.5 a c iss 520 pf c oss 100 pf c rss 65 pf r g 3.5 7.5 11.5 w q g (10v) 9.2 11 nc q g (4.5v) 4.6 6 nc q gs 1.6 nc q gd 2.2 nc t d(on) 7.5 ns t 5.5 ns reverse transfer capacitance v gs =0v, v ds =-15v, f=1mhz switching parameters electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions drain-source breakdown voltage on state drain current i d =-250 m a, v gs =0v v gs =-10v, v ds =-5v v gs =-10v, i d =-6a r ds(on) static drain-source on-resistance i dss m a v ds =v gs i d =-250 m a v ds =0v, v gs = 20v zero gate voltage drain current gate-body leakage current m w i s =-1a,v gs =0v v ds =-5v, i d =-6a v gs =-4.5v, i d =-4a forward transconductance diode forward voltage gate resistance v gs =0v, v ds =0v, f=1mhz total gate charge v gs =-10v, v ds =-15v, i d =-6a gate source charge gate drain charge total gate charge maximum body-diode continuous current input capacitance output capacitance turn-on delaytime dynamic parameters turn-on rise time v =-10v, v =-15v, r =2.5 w , t r 5.5 ns t d(off) 19 ns t f 7 ns t rr 11 ns q rr 5.3 nc this product has been designed and qualified for the consumer market. applications or uses as critical c omponents in life support devices or systems are not authorized. aos does not assume any liability arising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. i f =-6a, di/dt=100a/ m s body diode reverse recovery time turn-off fall time body diode reverse recovery charge i f =-6a, di/dt=100a/ m s turn-on rise time turn-off delaytime v gs =-10v, v ds =-15v, r l =2.5 w , r gen =3 w a. the value of r q ja i s measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25 c. the value in any given application depends on the user's specific board design. b. the power dissipation p d is based on t j(max) =150 c, using 10s junction-to-ambient thermal resistance. c. repetitive rating, pulse width limited by junction temperature t j(max) =150 c. ratings are based on low frequency and duty cycles to keep initialt j =25 c. d. the r q ja is the sum of the thermal impedence from junction to lead r q jl and lead to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, assuming a maximum junction temperature of t j(max) =150 c. the soa curve provides a single pulse rating. rev 9: nov 2011 www.aosmd.com page 2 of 6 nt?qtu5[pg ?pqls? w w w . w h x p c b . c o m
AO4405 typical electrical and thermal characteristics 17 5 2 10 0 18 0 5 1 0 15 20 25 30 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 -i d (a) -v gs (volts) figure 2: transfer characteristics (note e) 10 2 0 30 40 50 60 70 80 0 2 4 6 8 10 r ds(on) (m w w w w ) -i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 0.8 1 1 .2 1.4 1.6 1.8 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v g s =-4.5v i d =-4a v g s =-10v i d =-6a 25 c 125 c v ds =-5v v g s =-4.5v v gs =-10v 0 5 1 0 15 20 25 30 35 40 0 1 2 3 4 5 -i d (a) -v ds (volts) fig 1: on-region characteristics (note e) v g s =-3.5v -4v - 6v - 8v -10v -5v v g s =-4.5v 40 0 5 1 0 15 20 25 30 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 -i d (a) -v gs (volts) figure 2: transfer characteristics (note e) 10 2 0 30 40 50 60 70 80 0 2 4 6 8 10 r ds(on) (m w w w w ) -i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 1.0e-05 1 .0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -i s (a) -v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c 0.8 1 1 .2 1.4 1.6 1.8 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v g s =-4.5v i d =-4a v g s =-10v i d =-6a 20 4 0 60 80 100 120 2 4 6 8 10 r ds(on) (m w w w w ) -v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) 25 c 125 c v ds =-5v v g s =-4.5v v gs =-10v i d = -6a 25 c 125 c 0 5 1 0 15 20 25 30 35 40 0 1 2 3 4 5 -i d (a) -v ds (volts) fig 1: on-region characteristics (note e) v g s =-3.5v -4v - 6v - 8v -10v -5v v g s =-4.5v rev 9: nov 2011 www.aosmd.com page 3 of 6 nt?qtu5[pg ?pqls? w w w . w h x p c b . c o m
AO4405 typical electrical and thermal characteristics 0 2 4 6 8 1 0 0 2 4 6 8 10 -v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 1 00 200 300 400 500 600 700 800 0 5 10 15 20 25 30 capacitance (pf) -v ds (volts) figure 8: capacitance characteristics c i ss c o ss c rss v d s =-15v i d =-6a 0.0 0 .1 1.0 10.0 100.0 0.01 0.1 1 10 100 -i d (amps) -v ds (volts) fi gure 10: maximum forward biased safe operating area (note f) 10 m s 10s 1ms dc r d s(on) limited t j (max) =150 c t a =25 c 100 m s 10ms 1.0 1 0.0 100.0 1 10 100 1000 -i ar (a) peak avalanche current time in avalanche, t a ( m mm m s) figure 9: single pulse avalanche capability (note c) t a = 25 c t a = 150 c t a = 100 c t a = 125 c 0 2 4 6 8 1 0 0 2 4 6 8 10 -v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 1 00 200 300 400 500 600 700 800 0 5 10 15 20 25 30 capacitance (pf) -v ds (volts) figure 8: capacitance characteristics c i ss c o ss c rss v d s =-15v i d =-6a 1 1 0 100 1000 10000 0.00001 0.001 0.1 10 1000 power (w) pulse width (s) figure 11: single pulse power rating junction-to-ambient (note f) t a = 25 c 0.0 0 .1 1.0 10.0 100.0 0.01 0.1 1 10 100 -i d (amps) -v ds (volts) fi gure 10: maximum forward biased safe operating area (note f) 10 m s 10s 1ms dc r d s(on) limited t j (max) =150 c t a =25 c 100 m s 10ms 1.0 1 0.0 100.0 1 10 100 1000 -i ar (a) peak avalanche current time in avalanche, t a ( m mm m s) figure 9: single pulse avalanche capability (note c) t a = 25 c t a = 150 c t a = 100 c t a = 125 c rev 9: nov 2011 www.aosmd.com page 4 of 6 nt?qtu5[pg ?pqls? w w w . w h x p c b . c o m
AO4405 typical electrical and thermal characteristics 0.001 0 .01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 z q q q q ja normalized transient thermal resistance pulse width (s) figure 12: normalized maximum transient thermal impedance (note f) single pulse d=t o n /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d =0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse r q ja = 75 c/w 0.001 0 .01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 z q q q q ja normalized transient thermal resistance pulse width (s) figure 12: normalized maximum transient thermal impedance (note f) single pulse d=t o n /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d =0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse r q ja = 75 c/w rev 9: nov 2011 www.aosmd.com page 5 of 6 nt?qtu5[pg ?pqls? w w w . w h x p c b . c o m
AO4405 vdc ig vds dut vdc vgs vgs qg qgs qgd charge gate charge test circuit & waveform - + - + -10v vdd vgs id vgs vds unclamped inductive switching (uis) test circuit & waveforms vds l - 2 e = 1/2 li ar a r bv dss vdc dut vdd vgs vds vgs rl rg resistive switching test circuit & waveforms - + vgs vds t t t t t t 90% 10% r on d (off) f off d (on) vdc ig vds dut vdc vgs vgs qg qgs qgd charge gate charge test circuit & waveform - + - + -10v vdd vgs id vgs rg dut vdc vgs vds id vgs unclamped inductive switching (uis) test circuit & waveforms vds l - + 2 e = 1/2 li ar a r bv dss i ar ig vgs - + vdc dut l vgs isd diode recovery test circuit & waveforms vds - vds + di/dt rm rr vdd vdd q = - idt t rr -isd -vds f -i -i vdc dut vdd vgs vds vgs rl rg resistive switching test circuit & waveforms - + vgs vds t t t t t t 90% 10% r on d (off) f off d (on) rev 9: nov 2011 www.aosmd.com page 6 of 6 nt?qtu5[pg ?pqls? w w w . w h x p c b . c o m
|